|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : PC30-38 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 25.02.2008 a-6 a-6 b 1.0414 (0.041) h l 6 5 2 pc terminal (plug-in mounting) type pc 6 pins w b 4 3 1 pcb pattern 4.76 (0.188) a-6 a-6 a-6 6 pin 7.93 (0.312) size (va) 1.2 30.00 (1.181) (1.390) 35.30 lw (1.188) h 30.18 unit : mm (inch) optional bracket * wt. (gram) 118.72 (1.00) b 25.40 --- no. mw --- md --- series connected 2 pri 115v 1 4 5 3 6 parallel connected 115v pri 2 1 4 6 5 3 eo eo a. primary voltage ac 115 v 60 hz . b. no load primary current less than 10ma . c. secondary volt age (5%) series ac - v . parallel ac - v . d. secondary load current series 38ma . parallel 76ma . e. full load primary current less than - ma . f. full load secondary voltage (5%) series 30.00v . pin 3-4 pin 1-2 g. dc resistance primary = 690 ohm . parallel 15.00v . pin 5-6 h. insulation resistance i. withstand voltage (hi-pot) secondary = - ohm . = - ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ei-35 x 10.00 m/m . j. temperature rise k. core size - l. turns & wire gauge primary - secondary-1 - pin 3-4 pin 1-2 pin 5-6 secondary-2 turns diameter - - turns diameter - turns diameter m/m . m/m . m/m .
|
Price & Availability of PC30-38 |